Part Number Hot Search : 
5DL2C41A TFMN5400 BAS40W 00K1T A7912 IRFP4 HC139 UGP20A
Product Description
Full Text Search
 

To Download DDTA123EE1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE
DDTA (R1 = R2 SERIES) E
PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR Features
NEW PRODUCT
* * * *
Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistors, R1 = R2 Lead Free/RoHS Compliant (Note 2)
A
SOT-523 Dim A Min 0.15 0.75 1.45 3/4 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0 Max 0.30 0.85 1.75 3/4 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8 Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50 3/4
TOP VIEW
BC
B C D G H
Mechanical Data
* * * * * * * * *
Case: SOT-523 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 2) Weight: 0.002 grams (approx.) Ordering Information (See Page 2)
K
G H M
N
J K L M N a
J
D
L
OUT 3
C B R1 R2
All Dimensions in mm
IN
B
1
3
C OUT
P/N DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE
R1, R2 (NOM) MARKING 2.2KW 4.7KW 10KW 22KW 47KW 100KW P04 P08 P13 P17 P20 P24
1 IN
2 GND(+)
GND (+)
Schematic and Pin Configuration
Equivalent Inverter Circuit
Maximum Ratings
Supply Voltage, (2) to (3) Input Voltage, (1) to (2)
@ TA = 25C unless otherwise specified Symbol VCC DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE Value -50 +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 -100 -100 -50 -30 -30 -20 150 833 -55 to +150 Unit V
Characteristic
VIN
2
E
E
V
Output Current
IO
mA
Power Dissipation Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range
Note:
Pd RqJA Tj, TSTG
mW C/W C
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead.
DS30317 Rev. 6- 2
1 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) E
a Diodes Incorporated
Electrical Characteristics
@ TA = 25C unless otherwise specified Symbol Vl(off) Min -0.5 Typ -1.1 Max 3/4 V Unit Test Condition VCC = 5V, IO = 100mA VO = 0.3V, IO = 20mA, DDTA123EE VO = 0.3V, IO = 20mA, DDTA143EE VO = 0.3V, IO = 10mA, DDTA114EE VO = 0.3V, IO = 5mA, DDTA124EE VO = 0.3V, IO = 2mA, DDTA144EE VO = 0.3V, IO = 1mA, DDTA115EE IO/Il =10mA/0.5mA, DDTA123EE IO/Il =10mA/0.5mA, DDTA143EE IO/Il =10mA/0.5mA, DDTA114EE IO/Il =10mA/0.5mA, DDTA124EE IO/Il =10mA/0.5mA, DDTA144EE IO/Il =5mA/0.25mA, DDTA115EE
NEW PRODUCT
Characteristic
Input Voltage
Vl(on)
3/4
-1.9
-3
Output Voltage
VO(on)
3/4
-0.1
-0.3
V
Input Current
DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE DDTA123EE DDTA143EE DDTA114EE DDTA124EE DDTA144EE DDTA115EE
Il
3/4
3/4
-3.8 -1.8 -.88 -.36 -.18 -.15 0.5
mA
VI = -5V
Output Current
IO(off)
3/4 -20 -20 -30 -56 -68 -82 -30 0.8 3/4
3/4
mA
VCC = -50V, VI = 0V VO = -5V, IO = -20mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -5mA 3/4 3/4 VCE = -10V, IE = 5mA, f = 100MHz
DC Current Gain
Gl
3/4
3/4
3/4
Input Resistor (R1) Tolerance Resistance Ratio Gain-Bandwidth Product* * Transistor - For Reference Only
DR1 R2/R1 fT
3/4 1 250
+30 1.2 3/4
% 3/4 MHz
Ordering Information
Device
(Note 3) Packaging SOT-523 SOT-523 SOT-523 SOT-523 SOT-523 SOT-523 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
DDTA123EE-7-F DDTA143EE-7-F DDTA114EE-7-F DDTA124EE-7-F DDTA144EE-7-F DDTA115EE-7-F
Notes: 3.
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code (See Page 1, e.g. P04 = DDTA123EE) YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
XXXYM
Date Code Key Year Code Month Code 2005 S Jan 1 Feb 2 2006 T Mar 3
2007 U Apr 4 May 5 Jun 6
2008 V Jul 7 Aug 8
2009 W Sep 9 Oct O
2010 X Nov N Dec D
DS30317 Rev. 6 - 2
2 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) E
TYPICAL CURVES - DDTA143E
NEW PRODUCT
VCE(SAT), COLLECTOR EMITTER VOLTAGE (V)
250
1
IC/IB = 10
Pd, POWER DISSIPATION (mW)
200
0.1
75 C -25 C 25 C
150
100
0.01
50
0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Derating Curve
1000
VCE = 10V
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
12
f = 1MHz
100
75 C 25 C -25 C
COB, CAPACITANCE (pF)
10 8 6 4 2 0
hFE, DC CURRENT GAIN
10
1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0
5
10
15
20
25
30
VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
10
100
IC, COLLECTOR CURRENT (mA)
75 C
VO = 5V 25C
VO = 0.2V
-25C
Vin, INPUT VOLTAGE (V)
10
-25C
75 C
1
1
25C
0.1
0.01 0 1 2 3 4 5 6 7 8 9 10
1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage
DS30317 Rev. 6 - 2
3 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) E
IMPORTANT NOTICE
NEW PRODUCT
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30317 Rev. 6 - 2
4 of 4 www.diodes.com
DDTA (R1 = R2 SERIES) E


▲Up To Search▲   

 
Price & Availability of DDTA123EE1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X